PART |
Description |
Maker |
627-122 |
Composite Self-Locking Rotatable Coupling
|
Glenair, Inc.
|
440LS069M10 440LS069M12 440LS069M14 440LS069M16 44 |
EMI/RFI Banding and Shrink Boot Adapter Self-Locking Rotatable Coupling - Standard Profile
|
Glenair, Inc.
|
440SS072NF10 440SS072NF12 440SS072NF14 440SS072NF1 |
EMI/RFI Dual Banding Adapter Self-Locking Rotatable Coupling - Standard Profile EMI/RFI Dual Banding Adapter Self-Locking Rotatable Coupling - Standard Profile
|
Glenair, Inc.
|
2202029 |
Locking element for locking the PCB onto UM-BASIC/PRO housing at level 2
|
PHOENIX CONTACT
|
99-2566 |
Non Self-releasing, Rotatable
|
Alcoa international inc.
|
99-2564 |
Non Self-releasing, Rotatable
|
Alcoa international inc.
|
99-2560 |
Non Self-releasing, Rotatable
|
Alcoa international inc.
|
99-2561 |
Non Self-releasing, Rotatable
|
Alcoa international inc.
|
450HS001M20 450HS001M22 450HS001M24 450HS001M08 45 |
Connector Designator H Rotatable Coupling
|
Glenair, Inc.
|
SYC130 NEC256 SHC130 SEC130 SGC130 SRC130 NEC250 S |
LED Displays Optoelectronic From old datasheet system Intel® 82566MC Gigabit Ethernet PHY, Single Port, Pb-Free 2LI, FCBGA, Tray Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0659-0 05; No. of Positions: 18; Connector Type: Wire (degrees C): -55 to 85; Generic Name: D-SUB; General Description: Receptacle; Right angle; Inch type screw; MIL-C-24308 C): -55 to 85; Generic Name: D-SUB; General Description: Receptacle; Right angle; Locking device with rectangular mating locking base; Through hole C): -55 to 85; Generic Name: D-SUB; General Description: Receptacle; Right angle; Field-mounting locking device; PCB locking clip; MIL-C-24308 Optoelectronic 光电
|
IDEA NEC
AME, Inc. Sanken Electric Co., Ltd.
|
10-00118 |
Cable, 2000 mm, 50-00011 locking dc plug to 50-00011 locking dc plug, 18 AWG, UL2468
|
Tensility International Corp.
|
440SM073NF20 440SM073NF22 440SM073NF24 440LN073NF1 |
EMI/RFI Banding Adapter Rotatable Coupling - Full Radius Profile
|
Glenair, Inc.
|